Part Number Hot Search : 
167BZXI 3105V 10A00 EPA2127A EC3CB14 Q980000 MX29LV 83251
Product Description
Full Text Search
 

To Download EPC3127-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Power Transformer
ELECTRONICS INC.
EPC3127-X
* Used in SMPS Flyback Topology * Designed for use with Power Integration Chip * Reinforced Insulation (Triple Insulated Wire) * UL 94V-0 Recognized Components * UL 1446 Class F Insulation System * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number
Chipset
Voltage (Vdc) V in V out 1 V out 2 V out 3
Primary OCL (H 10%) @ 10 KHz, 0.1 Vrms Sec. 1 3.0 2.0 2.0 1.2 2.0
Current (Amp.) Sec. 2 N N 2 N N Sec. 3 .05 .05 .05 .05 .05
Schematic
EPC3127-1 EPC3127-2 EPC3127-3 EPC3127-4
{
N TNY268P 120-375 5 1900 15 N TNY266P 120-375 5 1900 15 3.3 TOP232Y/TOP242Y 120-375 5 2400 15 N TOP244P 120-375 13.55 475 15 N TNY267 120-375 3.3 2800 15 * Switching Frequency : 132 KHz * Isolation : 4500 Vrms * Dielectric Rating (Vrms)
A A B A A
1 sec. 4500 or 60 sec. 3750 Pri. to all Sec. Wdg's & Core
1 sec. 4500 or 60 sec. 3750 Between Sec. Wdg's to Core * Note : "N" means Not Required/No Connections *
1 sec. 1500 Between Pri. Wdg & Bias
Schematic A
1 V in Pri. 2 Sec. 3 3 (Fb/Bias) 4 7 6 Sec. 2 5 8 Sec. 1 Pri. 2 Sec. 3 3 (Fb/Bias) 4 1
Schematic B
8 Sec. 1 7 6 Sec. 2 5
Package
.787 (20.00) .728 Max. (18.50) .552 Max. (14.00) .815 (20.70)
PCA EPC3127-X D.C.
.590 (15.00) .590 (15.00) .197 (5.00)
.138 (3.50)
.031 O (.800) .590 Typ. (15.00)
.063 (1.60) .590 Typ. (15.00)
.197 (5.00)
.051 (1.30)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3127-X Rev. 5 1/3/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3127-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X